| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6926 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6926 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() Maximum ratings L6926 4/16 Doc ID 9302 Rev 9 2 Maximum ratings Table 2. Absolute maximum ratings Symbol Parameter Value Unit V6 Input voltage -0.3 to 6 V V5 Output switching voltage -1 to VCC V V1 Shutdown -0.3 to VCC V V3 Feedback voltage -0.3 to VCC V V2 Error amplifier output voltage -0.3 to VCC V V8 PGOOD -0.3 to VCC V V7 Synchronization mode selector -0.3 to VCC V PTOT Power dissipation at TA = 70 °C0.45 W TJ Junction operating temperature range -40 to 150 °C TSTG Storage temperature range -65 to 150 °C LX pin Maximum withstanding voltage range test condition: CDF-AEC-Q100-002- “Human body model” acceptance criteria: “normal performance’ ±1000 V Other pins ±2000 V Table 3. Thermal data Symbol Parameter Value Unit RthJA Maximum thermal resistance junction-ambient for MSOP8 180 °C/W Maximum thermal resistance junction-ambient for VFQFPN8 56 °C/W |