| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT48R005 bảng dữ liệu(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48R005 bảng dữ liệu(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 62 page ![]() Selection Table Part No. Program Memory Data Memory I/O 8-bit Timer Time Base Interrupt A/D Buzzer Stack Package Ext. Int. HT48R005 0.5K ´14 32 ´86 1 1 1 1 ¾ 12 10MSOP HT46R005 0.5K ´14 32 ´8 6 1 1 1 2 12-bit ´31 2 10MSOP Note: The internal clock in the table is a fully integrated RC oscillator requiring no external components which can be used as the system clock. Block Diagram The following block diagram illustrates the main functional blocks. Pin Assignment HT48R005/HT46R005 Rev. 1.00 6 November 29, 2011 8 - b i t R I S C M C U C o r e I / O P o r t s B u z z e r D r i v e r R O M / R A M M e m o r y T i m i n g G e r n e r a t i o n T i m e r A / D C o n v e r t e r V D D P A 6 / O S C 1 P A 5 / O S C 2 P A 7 / R E S N C V S S P A 0 / B Z / A N 0 P A 1 / B Z / A N 1 P A 2 / T M R / I N T / A N 2 N C H T 4 6 R 0 0 5 1 0 M S O P - A V D D P A 6 / O S C 1 P A 5 / O S C 2 P A 7 / R E S N C V S S P A 0 / B Z P A 1 / B Z P A 2 / T M R / I N T N C H T 4 8 R 0 0 5 1 0 M S O P - A 1 0 9 8 7 6 1 2 3 4 5 1 0 9 8 7 6 1 2 3 4 5 |