công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT16C23 bảng dữ liệu(PDF) 13 Page - Holtek Semiconductor Inc

tên linh kiện HT16C23
Giải thích chi tiết về linh kiện  RAM Mapping 56*4 / 52*8 LCD Driver Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C23 bảng dữ liệu(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT16C23 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16C23 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Rev. 1.10
13
June 21, 2011
HT16C23/HT16C23G
Output
COM7/
SEG3
COM6/
SEG2
COM5/
SEG1
COM4/
SEG0
COM3
COM2
COM1
COM0
address
SEG4
00H
SEG5
01H
SEG6
02H
SEG7
03H
SEG8
04H
SEG9
05H
SEG55
33H
D7
D6
D5
D4
D3
D2
D1
D0
Data
RAM mapping of 52x8 display mode
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
System Oscillator
The timing for the internal logic and the LCD drive signals are generated by an internal oscillator. The System
Clock frequency (fSYS) determines the LCD frame frequency. During initial system power on the System Oscillator
will be in the stop state.
LCD Bias Generator
The full-scale LCD voltage (VOP) is obtained from (VLCD – VSS). The LCD voltage may be temperature
compensated externally through the Voltage supply to the VLCD pin.
Fractional LCD biasing voltages, known as 1/3 or 1/4 bias voltage, are obtained from an internal voltage divider of
four series resistors connected between VLCD and VSS. The centre resistor can be switched out of circuits to provide
a 1/3bias voltage level configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com