công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG409LDY-T1 bảng dữ liệu(PDF) 4 Page - Vishay Siliconix

tên linh kiện DG409LDY-T1
Giải thích chi tiết về linh kiện  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY-T1 bảng dữ liệu(HTML) 4 Page - Vishay Siliconix

  DG409LDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.vishay.com
4
Document Number: 71342
S11-1066-Rev. G, 30-May-11
Vishay Siliconix
DG408L, DG409L
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
RDS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 do to proximity to the drain pin.
i. RDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined analog signal.
SPECIFICATIONS (Dual Supply V+ = 5 V, V - = - 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, ± 10 %
, V- = - 5 V
VEN = 0.6 V or 2.4 V
f
Temp.b
Typ.d
A Suffix
- 55 °C to 125 °C
D Suffix
- 40 °C to 85 °C
Unit
Min.c
Max.c
Min.c
Max.c
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 5
5
- 5
5
V
Drain-Source
On-Resistance
RDS(on)
VD = ± 3.5 V, IS = 10 mA
sequence each switch on
Room
Full
20
40
50
40
50
Switch Off Leakage
Currenta
IS(off)
V+ = 5.5 , V- = 5.5 V
VEN = 0 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage
Currenta
ID(on)
V+ = 5.5 V, V- = - 5.5 V
VEN = 2.4 V, VD = ± 4.5 V, VS = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.6
0.6
Input Currenta
IIN
VAX = VEN = 2.4 V or 0.6 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Timee
tTRANS
VS1 = 3.5 V, VS8 = - 3.5 V, (DG408L)
VS1b = 3.5 V, VS4b = - 3.5 V, (DG409L)
see figure 2
Room
Full
30
60
78
60
65
ns
Break-Before-Make
Timee
tOPEN
VS(all) = VDA = 3.5 V
see figure 4
Room
Full
81
1
Enable Turn-On Timee
tON(EN)
VAX = 0 V, VS1 = 3.5 V (DG408L)
VAX = 0 V, VS1b = 3.5 V (DG409L)
see figure 3
Room
Full
25
55
68
55
60
Enable Turn-Off Timee
tOFF(EN)
Room
Full
20
40
50
40
45
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
6
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 0 V, VEN = 0 V
Room
15
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
Room
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com