| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
82RIA80MPBF bảng dữ liệu(PDF) 3 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
82RIA80MPBF bảng dữ liệu(HTML) 3 Page - Vishay Siliconix |
|
3 / 8 page ![]() Document Number: 94392 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 17-Sep-10 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 3 80RIA...PbF, 81RIA...PbF, 82RIA...PbF Series Phase Control Thyristors (Stud Version), 80 A Vishay Semiconductors TRIGGERING PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum peak gate power PGM TJ = TJ maximum, tp 5 ms 12 W Maximum average gate power PG(AV) TJ = TJ maximum, f = 50 Hz, d% = 50 3 Maximum peak positive gate current IGM TJ = TJ maximum, tp 5 ms 3A Maximum peak positive gate voltage + VGM 20 V Maximum peak negative gate voltage - VGM 10 Maximum DC gate current required to trigger IGT TJ = - 40 °C Maximum required gate trigger/ current/voltage are the lowest value which will trigger all units 6 V anode to cathode applied 270 mA TJ = 25 °C 120 TJ = 125 °C 60 Maximum DC gate voltage required to trigger VGT TJ = - 40 °C 3.5 V TJ = 25 °C 2.5 TJ = 125 °C 1.5 DC gate current not to trigger IGD TJ = TJ maximum Maximum gate current/voltage not to trigger is the maximum value which will not trigger any unit with rated VDRM anode to cathode applied 6mA DC gate voltage not to trigger VGD 0.25 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum operating junction temperature range TJ - 40 to 125 °C Maximum storage temperature range TStg - 40 to 150 Maximum thermal resistance, junction to case RthJC DC operation 0.30 K/W Maximum thermal resistance, case to heatsink RthCS Mounting surface, smooth, flat and greased 0.1 Mounting torque, ± 10 % Non-lubricated threads 15.5 (137) N · m (lbf · in) Lubricated threads 14 (120) Approximate weight 130 g Case style See dimensions - link at the end of datasheet TO-209AC (TO-94) |