công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B75-1B20-JDG bảng dữ liệu(PDF) 4 Page - Magnetrol International, Inc.

tên linh kiện B75-1B20-JDG
Giải thích chi tiết về linh kiện  Bleed Type Valve for Liquid Level Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

B75-1B20-JDG bảng dữ liệu(HTML) 4 Page - Magnetrol International, Inc.

  B75-1B20-JDG Datasheet HTML 1Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 2Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 3Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 4Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 5Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 6Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 7Page - Magnetrol International, Inc. B75-1B20-JDG Datasheet HTML 8Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3.0
Reversing Pilot Action
All Series J Pneumatic Switch Mechanisms are shipped from
the factory set-up for direct action; closed at high level.
They can be field modified for the reverse (open) position
by following the steps below:
1. First remove the upper shoulder screw from the actuator
link and move it from the direct (D) position to the reverse
(R); refer to Figure 3.
2. Loosen the screw that positions the spring bracket and
move it from the direct (D) position to the reverse (R)
position; refer to Figure 4.
3. Fasten screw securely.
The switch is now setup for reverse action.
4
42-685 Series J Pneumatic Switch Mechanism
Figure 4
Fall out spring
Reverse
position
Enclosing tube
Direct position
Air line
adapter
Spring bracket
Reverse position
Upper shoulder
screw
Actuator link
Air line
adapter
Enclosing tube
Direct position
Figure 3



Html Pages

1 2 3 4 5 6 7 8