| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
962-5DA0-032 bảng dữ liệu(PDF) 7 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
962-5DA0-032 bảng dữ liệu(HTML) 7 Page - Magnetrol International, Inc. |
|
7 / 12 page ![]() 7 D I M E N S I O N A L S P E C I F I C A T I O N S I N C H E S ( m m ) Actuation length A Actuation length B ∅ .875 (22) Dia. 4.00 (102) 4.43 (113) 1.8 (46) Typical 0.25 (6) 3.50 (89) 2.75 (70) 2.00 (51) 3.00 (76) 2 Holes .38 (10) dia. 4.00 (102) 4.00 (102) 3.95 (100) 4.43 (113) ¾" NPT Conduit Connection ∅ .875 (22) 0.25 (6) Actuation length for NPT connection 1.8 (46) Typical Model 961/962 with Remote Electronics Remote Transducer with NPT Connection Model 962 with NPT Connection Actuation length A Actuation length B ∅ .875 (22) Dia. 4.00 (102) 4.43 (113) 2.35 (60) Typical 0.25 (6) Model 962 with ANSI Flange |