| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
961 bảng dữ liệu(PDF) 5 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
961 bảng dữ liệu(HTML) 5 Page - Magnetrol International, Inc. |
|
5 / 16 page ![]() 5 51-650 Echotel SIL Safety Manual 2.0 Applicable Models This manual is applicable to the following models of the Echotel ultrasonic level switches with relay output or current shift output: • Model 961 Single Point Level Switches • Model 962 Dual Point Level Switches 3.0 Mean Time To Repair (MTTR) SIL determinations are based on a number of factors including the Mean Time To Repair (MTTR). The analysis for the Echotel Model 961/962 ultrasonic level switch is based on a MTTR of 24 hours. 4.0 Supplementary Documentation Refer to the following documents as supplements to this Echotel Model 961/962 SIL Safety Manual: • Echotel Model 961/962 Ultrasonic Single and Dual Point Level Switches Installation and Operating Manual • Magnetrol Model 961 AC/DC Ultrasonic Level Switch with Relay Output, Failure Modes, Effects, and Diagnostic Analysis • Magnetrol Model 961 Loop-Powered Ultrasonic Level Switch, Failure Modes, Effects, and Diagnostic Analysis • Magnetrol Model 962 AC/DC Ultrasonic Level Switch with Relay Output, Failure Modes, Effects, and Diagnostic Analysis • Magnetrol Model 962 Loop-Powered Ultrasonic Level Switch, Failure Modes, Effects, and Diagnostic Analysis NOTE: The Failure Modes, Effects, and Diagnostic Analysis (FMEDA) reports can be found in the Downloads tab of the Echotel 961/962 on our website at: www.magnetrol.com. |