công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSM9938F bảng dữ liệu(PDF) 3 Page - Touchstone Semiconductor Inc

tên linh kiện TSM9938F
Giải thích chi tiết về linh kiện  A 1uA, SOT23 Precision Current-Sense Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOUCHSTONE [Touchstone Semiconductor Inc]
Trang chủ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM9938F bảng dữ liệu(HTML) 3 Page - Touchstone Semiconductor Inc

  TSM9938F Datasheet HTML 1Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 2Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM9938F Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSM9938
TSM9938DS r1p0
Page 3
RTFDS
ELECTRICAL CHARACTERISTICS
VRS+ = VRS- = 3.6V; VSENSE = (VRS+ - VRS-) = 0V; TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C. See Note 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (Note 2)
ICC
VRS+ = 5V, TA = +25°C
0.5
0.85
μA
VRS+ = 5V, -40°C < TA < +85°C
1.1
VRS+ = 28V, TA = +25°C
1.1
1.8
VRS+ = 28V, -40°C < TA < +85°C
2.5
Common-Mode Input Range
VCM
Guaranteed by CMRR , -40°C < TA < +85°C
1.6
28
V
Common-Mode Rejection
Ratio
CMRR
1.6V < VRS+ < 28V, -40°C < TA < +85°C
94
130
dB
Input Offset Voltage (Note 3)
VOS
TA = +25°C
±100
±500
μV
-40°C < TA < +85°C
±600
Gain
G
TSM9938T
25
V/V
TSM9938F
50
TSM9938H
100
TSM9938W
200
Gain Error (Note 4)
GE
TSM9938T/TSM9938F/
TSM9938H
TA = +25°C
±0.1
±0.5
%
-40°C < TA < +85°C
±0.6
TSM9938W
TA = +25°C
±0.1
±0.7
-40°C < TA < +85°C
±0.8
Output Resistance
ROUT
(Note 5)
TSM9938T/F/H
7.0
10
13.2
kΩ
TSM9938W
14.0
20
26.4
OUT Low Voltage
VOL
Gain = 25
1.5
15
mV
Gain = 50
3
30
Gain = 100
6
60
Gain = 200
12
120
OUT High Voltage
VOH
VOH = VRS- - VOUT (Note 6)
0.1
0.2
V
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by product
characterization.
Note 2: Extrapolated to VOUT = 0. ICC is the total current into the RS+ and the RS- pins.
Note 3: Input offset voltage VOS is extrapolated from VOUT with VSENSE set to 1mV.
Note 4: Gain error is calculated by applying two values for VSENSE and then calculating the error of the actual slope vs. the
ideal transfer characteristic:
For GAIN = 25, the applied VSENSE is 20mV and 120mV.
For GAIN = 50, the applied VSENSE is 10mV and 60mV.
For GAIN = 100, the applied VSENSE is 5mV and 30mV.
For GAIN = 200, the applied VSENSE is 2.5mV and 15mV.
Note 5: The device is stable for any capacitive load at VOUT.
Note 6: VOH is the voltage from VRS- to VOUT with VSENSE = 3.6V/GAIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com