| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
301-R010-400 bảng dữ liệu(PDF) 13 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
301-R010-400 bảng dữ liệu(HTML) 13 Page - Magnetrol International, Inc. |
|
13 / 36 page ![]() SOFTWARE CONFIGURATION cont. GENERAL PROGRAMMING MENUS Following is an outline of the general menu structure used in the Model 300. Even though all features are shown, certain features will only affect specific models. For example, the relay menu can be accessed in all models, but changes will only affect the models with relays. Use the UP and DOWN arrow keys to scroll through any por- tion of the menu; use the ENT key to make a selection. A detailed description of each portion of the menu follows on page 15. MEASURED VALUES Volume (Volume mode only) Flow (Flow mode only) Level Distance Loop Temperature Previous menu Level Units Inches Feet Centimeters Meters Volume & Level Level Only Mode Setup SYSTEM CONFIG Manual Set Auto Set Previous Menu Manual Set Auto Set Previous Menu Cubic Feet Cubic Inches Gallons Milliliters Liters Rectangular Horizontal/Flat Horizontal/Elliptical Horizontal/Spherical Spherical Vertical/Flat Vertical/Elliptical Vertical/Spherical Vertical/Conical Custom Table Manual Set Auto Set Previous Menu NOTE: Use keys to move up or down in the menu tree. Use the key to accept a value or to move right in the menu tree. Use to delete a keystroke or to move left in the menu tree. DEL Range Setting Span Setting Volume Units Vessel Type Table Type (Custom table only) Linear Spline Table Type (Custom table only) Linear Spline Range Setting Span Setting Previous Menu Flow & Level Data Entry (Custom table only) Custom Table Data Entry (Custom table only) Manual Set Auto Set Previous Menu Cubic Feet/Second Cubic Feet/Minute Cubic Feet/Hour Gallons/Minute Gallons/Hour Million Gallons/Day Liters/Second Liters/Minute Liters/Hour Refer to list on page 14 Flow Units Flow Element Maximum Head Low Flow Cutoff Maximum Flow Reference Distance 13 Manual Set Auto Set Previous Menu Manual Set Auto Set Previous Menu Previous Menu ENT |