công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

082-8003-404 bảng dữ liệu(PDF) 8 Page - Magnetrol International, Inc.

tên linh kiện 082-8003-404
Giải thích chi tiết về linh kiện  RF Level Transmitter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

082-8003-404 bảng dữ liệu(HTML) 8 Page - Magnetrol International, Inc.

Back Button 082-8003-404 Datasheet HTML 4Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 5Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 6Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 7Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 8Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 9Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 10Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 11Page - Magnetrol International, Inc. 082-8003-404 Datasheet HTML 12Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
50-613 Kotron Series 82 CE RF Level Transmitter
5
10. Tighten both socket head screws on the clamp to approxi-
mately 35 in./lbs of torque. Slip the Mylar insulator over
the clamp.
11. Screw the transmitter onto the probe until hand tight.
The housing can be wrench-tightened to align the conduit
connection with the conduit. Refer to Figure 2 on page 3.
1.5.2.1 Integral Electronics
1. Remove the housing cover. Locate the white wire which is
fastened to the (+) probe terminal. Connect the free end
of this wire to the probe connection screw.
2. Proceed to Wiring, Section 1.6.
1.5.2.2 Remote Electronics
1. Remove the probe housing cover. Connect the positive
lead of the interconnection cable (supplied by Magnetrol),
to the screw terminal at the top of the probe. Connect the
negative lead to the green ground screw at the base of the
housing. Cut the shield; do not connect it at probe end.
Refer to Figure 4 on page 4.
2. Install the transmitter housing using the bracket (supplied
by Magnetrol). Make sure to provide adequate clearance
to remove the housing cover. Refer to Figure 4 on page 4.
3. Remove the transmitter housing cover. Connect the
positive lead of the interconnection cable to the (+) probe
terminal. Connect the negative lead and shield to the
(–) probe terminal. Refer to Figure 3 on page 3.
4. Proceed to Wiring, Section 1.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24