công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

808022322 bảng dữ liệu(PDF) 16 Page - Magnetrol International, Inc.

tên linh kiện 808022322
Giải thích chi tiết về linh kiện  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAGNETROL [Magnetrol International, Inc.]
Trang chủ  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

808022322 bảng dữ liệu(HTML) 16 Page - Magnetrol International, Inc.

Back Button 808022322 Datasheet HTML 12Page - Magnetrol International, Inc. 808022322 Datasheet HTML 13Page - Magnetrol International, Inc. 808022322 Datasheet HTML 14Page - Magnetrol International, Inc. 808022322 Datasheet HTML 15Page - Magnetrol International, Inc. 808022322 Datasheet HTML 16Page - Magnetrol International, Inc. 808022322 Datasheet HTML 17Page - Magnetrol International, Inc. 808022322 Datasheet HTML 18Page - Magnetrol International, Inc. 808022322 Datasheet HTML 19Page - Magnetrol International, Inc. 808022322 Datasheet HTML 20Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
13
50-605 Kotron RF Point Model 80/81 Level Switches
2. Set the fail-safe mode for the alarm relays:
a. In low level fail-safe mode, the alarm relay will be
de-energized when the material level is BELOW the
alarm set point.
b. In high level fail-safe mode, the alarm relay will be
de-energized when the material level is ABOVE the
alarm set point.
3. Energize the instrument. The calibrate LEDs will be on
regardless of the settings of the fail-safe switches or time
delay setting. Relays set in the low level fail-safe (LLFS)
mode will be energized and there will be continuity
between the common (CM) and normally open (NO)
relay terminations. This can be checked with an ohmmeter
or other suitable continuity checking device. Relays set in
the high level fail-safe (HLFS) mode will be de-energized
and there will be continuity between the common (CM)
and normally closed (NC) relay terminations.
4. If the vessel is not filled to the desired set point, increase
level of material to the required set point.
5. Turn the zero adjustment counterclockwise (CCW) until
LED indicator goes off (the relay will change state), then
turn the control slowly in the CW direction until the LED
indicator again comes on. Repeat this on–off procedure
several times and leave the LED indicator on. The narrow
differential alarm point is now calibrated.
2.8.5 Zero and Span Adjustment
2.8.5.1 Wide Differential — Vertical Probe Mount Only
1. With the probe installed in the vessel and the process
material at the desired low level, turn both the zero and
span adjustment on the left hand side of the printed
circuit board clockwise a minimum of twenty full turns or
until a clicking sound is detected. If the process material is
not at this point, the material level must be changed until
this point is reached.
2. Set the fail-safe mode for the relay: (Be sure Fail-safe
Mode Selection has been set correctly).
a. In low level fail-safe (LLFS) mode, relay is de-energized
on rising level and remains de-energized until upper
span point is reached.
b. In high level fail-safe (HLFS) mode, relay is
de-energized on falling level and remains de-energized
until lower zero point is reached.
3. Energize the instrument. The calibrate LED will be on
regardless of the position of the fail-safe switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com