| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
808022302 bảng dữ liệu(PDF) 15 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
808022302 bảng dữ liệu(HTML) 15 Page - Magnetrol International, Inc. |
|
15 / 28 page ![]() 50-605 Kotron RF Point Model 80/81 Level Switches 12 The position of the jumper is dependent upon the fluid being measured. Locate this jumper in the "LO" position if the fluid is non-conductive (dielectric less than 10); for conductive fluids, position this jumper in the "HI" position. For narrow differential units, always place the jumper in the "LO" position. 2.8.2 Fail-safe Mode Selection The fail-safe mode is selected for the particular level detection application to provide for relay contact closure upon any loss of electrical power. To select the appropriate relay state, locate the small toggle switch on upper right portion of circuit board and switch to HL for high level mode or LL for low level mode. Refer to Section 3.4, Terminal Connections on page 21. 2.8.2.1 High Level Mode In this mode, an electrical power failure will de-energize the relay causing the contacts to assume a position as if product level were at or above the set point. 2.8.2.2 Low Level Mode In this mode, an electrical power failure will de-energize the relay causing the contacts to assume a position as if product level were at or below the set point. 2.8.3 Calibration Adjustments Adjustments should be performed with unit under actual operating temperature and pressure conditions. Zero and span adjustments are located at upper left on amplifier cir- cuit board. A level range select jumper is also provided. It is located on the preamplifier board of single point integral units and all remote units. Be sure that the proper range has been selected. Refer to Section 2.8.1, Level Range Selection on previous page. 2.8.4 Zero Adjustment 1. With the probe installed in the vessel and the process material at or below the desired set point, turn ZERO adjustment potentiometer on the left hand side of the printed circuit assembly clockwise (CW) a minimum of twenty full turns or until a clicking sound is detected. NOTE: Be sure Fail-safe Mode Selection has been set correctly. Refer to Fail-safe Mode Selection above and Relay Wiring Chart on page 10. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |