| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
805212302 bảng dữ liệu(PDF) 28 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
805212302 bảng dữ liệu(HTML) 28 Page - Magnetrol International, Inc. |
|
28 / 28 page ![]() BULLETIN: 50-605.13 EFFECTIVE: May 2004 SUPERSEDES: November 2000 5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4000 • Fax 630-969-9489 • www.magnetrol.com 145 Jardin Drive, Units 1 & 2 • Concord, Ontario Canada L4K 1X7 • 905-738-9600 • Fax 905-738-1306 Heikensstraat 6 • B 9240 Zele, Belgium • 052 45.11.11 • Fax 052 45.09.93 Regent Business Ctr., Jubilee Rd. • Burgess Hill, Sussex RH15 9TL U.K. • 01444-871313 • Fax 01444-871317 5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4028 • Fax 630-969-9489 • www.sticontrols.com Copyright © 2007 Magnetrol International, Incorporated. All rights reserved. Printed in the USA. ASSURED QUALITY & SERVICE COST LESS Service Policy Owners of Magnetrol/STI controls may request the return of a control or any part of a control for complete rebuilding or replacement. They will be rebuilt or replaced promptly. Controls returned under our service policy must be returned by prepaid transportation. Magnetrol/STI will repair or replace the control at no cost to the purchaser (or owner) other than transportation if: 1. Returned within the warranty period; and 2. The factory inspection finds the cause of the claim to be covered under the warranty. If the trouble is the result of conditions beyond our control; or, is NOT covered by the warranty, there will be charges for labor and the parts required to rebuild or replace the equipment. In some cases it may be expedient to ship replacement parts; or, in extreme cases a complete new control, to replace the original equipment before it is returned. If this is desired, notify the factory of both the model and serial numbers of the control to be replaced. In such cases, credit for the materials returned will be determined on the basis of the applicability of our warranty. No claims for misapplication, labor, direct or consequential damage will be allowed. Return Material Procedure So that we may efficiently process any materials that are returned, it is essential that a “Return Material Authorization” (RMA) number be obtained from the factory, prior to the material's return. This is available through Magnetrol’s or STI’s local representative or by contacting the factory. Please supply the following infor- mation: 1. Company Name 2. Description of Material 3. Serial Number 4. Reason for Return 5. Application Any unit that was used in a process must be properly cleaned in accordance with OSHA standards, before it is returned to the factory. A Material Safety Data Sheet (MSDS) must accompany material that was used in any media. All shipments returned to the factory must be by prepaid transportation. All replacements will be shipped F.O.B. factory. NOTE: See Electrostatic Discharge Handling Procedure on page 8. Magnetrol, Magnetrol logotype and Kotron are registered trademarks of Magnetrol International. STI and STI logotype are registered trademarks of Magnetrol International. CSA logotype is a registered trademark of Canadian Standards Association Mylar® is a registered trademark of DuPont Teflon® is a registered trademark of DuPont. |