| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN65LVPE502CPRGET bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN65LVPE502CPRGET bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 29 page ![]() SN65LVPE502CP SLLSE79A – MARCH 2011 – REVISED SEPTEMBER 2011 www.ti.com RECOMMENDED OPERATING CONDITIONS PARAMETER CONDITIONS MIN TYP MAX UNITS VCC Supply voltage 3 3.3 3.6 V CCOUPLING AC Coupling capacitor 75 200 nF Operating free-air 0 85 °C temperature DEVICE PARAMETERS EN_RXD, RSVD, EQ cntrl = NC, ICC 100 120 K28.5 pattern at 5 Gbps, VID = 1000mVp-p ICCRx.Detect In Rx.Detect mode 2 5 Supply current mA ICCsleep EN_RXD = GND 0.01 0.1 ICCU2-U3 Link in USB low power state 21 Maximum data rate 5 Gbps Sleep mode exit time EN_RXD L → H tENB Device enable time 100 µs With Rx termination present tDIS Device disable time Sleep mode entry time EN_RXD H → L 2 µs TRX.DETECT Rx.Detect start event Power-up time 100 µs CONTROL LOGIC VIH High level input voltage 1.4 VCC V VIL Low level input voltage –0.3 0.5 V VHYS Input hysteresis 150 mV OSx, EQx, DEx = VCC 30 IIH High level input current EN_RXD = VCC 1 µA RSVD = VCC 30 OSx, EQx, DEx = GND –30 IIL Low level input current EN_RXD = GND –30 µA RSVD = GND –1 4 Submit Documentation Feedback Copyright © 2011, Texas Instruments Incorporated Product Folder Link(s) :SN65LVPE502CP |