công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMCAD1520 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation

tên linh kiện HMCAD1520
Giải thích chi tiết về linh kiện  High Speed Multi-Mode 8/12/14-Bit 1000/640/105 MSPS A/D Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1520 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMCAD1520 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 9Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 10Page - Hittite Microwave Corporation HMCAD1520 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 7
HMCAD1520
v03.0711
HigH Speed Multi-Mode 8/12/14-Bit
1000/640/105 MSpS A/d Converter
Absolute Maximum ratings
Applying voltages to the pins beyond those specified in table 1 could cause permanent damage to the circuit.
table 1: Maximum voltage ratings
Pin
Reference pin
Rating
AvDD
Avss
-0.3v to +2.3v
DvDD
Dvss
-0.3v to +2.3v
ovDD
Avss
-0.3v to +3.9v
Avss / Dvss
Dvss / Avss
-0.3v to +0.3v
Analog inputs and outputs
Avss
-0.3v to +2.3v
CLKx
Avss
-0.3v to +3.9v
LvDs outputs
Dvss
-0.3v to +2.3v
Digital inputs
Dvss
-0.3v to +3.9v
table 2 shows the maximum external temperature ratings.
table 2: Maximum temperature ratings
operating temperature
-40 to +85 ºC
storage temperature
-60 to +150 ºC
Maximum Junction temperature
110 ºC
thermal resistance (rth)
29 ºC/W
soldering Profile Qualification
J-stD-020
esD sensivity HBM
Class 1C
esD sensivity CDM
Class III
eLeCtrostAtIC sensItIve DevICe
oBserve HAnDLInG PreCAUtIons
stresses above those listed under Absolute Maximum
ratings may cause permanent damage to the device. this
is a stress rating only; functional operation of the device
at these or any other conditions above those indicated in
the operational section of this specification is not implied.
exposure to absolute maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com