công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC794LP3E bảng dữ liệu(PDF) 2 Page - Hittite Microwave Corporation

tên linh kiện HMC794LP3E
Giải thích chi tiết về linh kiện  2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC794LP3E bảng dữ liệu(HTML) 2 Page - Hittite Microwave Corporation

  HMC794LP3E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC794LP3E_10 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 2
Electrical Specifications, T
A = +25° C, Vcc = +5V, Z
o = 50Ω, Bias1 = GND (Continued)
HMC794LP3E
v00.0709
2 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Input Sensitivity Window
Pout vs. Div Ratio [4], (Single-Ended)
Residual Phase Noise
Divide by 1, 2, 3 & 4, (Differential) [3]
Pout vs. Div Ratio [4], (Differential)
Parameter
conditions
Min.
typ.
Max.
units
Power Supplies
vcc
Analog supply
4.75
5
5.25
v
Current Consumption
itot - total current consumption
5v supply
100
150
mA
itot - total current consumption [1]
5v supply, ctrL = 0v, BiAs0 = 0v
ctrL = 0v, BiAs0 = 5v
ctrL = 5v, BiAs0 = 0v
100
109
115
130
150
150
mA
mA
mA
sleep current
en = 0v
1
µA
cBias reference voltage [2]
Measured with 10 GΩ volt meter
3.8
v
[1] Bias0 = 0v, for maximum frequency range; Bias0 = 5v, for better phase noise floor; ctrL = 5v, for maximum output power
[2] cBias voltage pin cannot drive external load. it must be measured with a 10 GΩ volt meter such as Agilent 34410A, typical 10 Mohms DvM
will read erroneously.
-10
-5
0
5
10
15
0
0.5
1
1.5
2
2.5
3
Div by 1
Div by 2
Div by 3
Div by 4
INPUT FREQUENCY (GHz)
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
INPUT FREQUENCY (GHz)
Recommended
Operating Window
-10
-5
0
5
10
15
0
0.5
1
1.5
2
2.5
3
Div by 1
Div by 2
Div by 3
Div by 4
INPUT FREQUENCY (GHz)
-180
-170
-160
-150
-140
-130
-120
10
1
10
2
10
3
10
4
10
5
10
6
10
7
Div By 1
Div By 2
Div By 3
Div By 4
OFFSET FREQUENCY (Hz)
[3] ctrL = +5v, Bias0 = 0v, Pin = +8 dBm @ 2 GHz
[4] ctrL = +5v, Bias0 = 0v, Pin = +4 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com