công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC746LC3C bảng dữ liệu(PDF) 2 Page - Hittite Microwave Corporation

tên linh kiện HMC746LC3C
Giải thích chi tiết về linh kiện  13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC746LC3C bảng dữ liệu(HTML) 2 Page - Hittite Microwave Corporation

  HMC746LC3C_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC746LC3C_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications, (continued)
HMC746LC3C
v03.1209
13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE,
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Parameter
Conditions
Min.
Typ.
Max
Units
Output Low Voltage
2
V
Output Rise / Fall Time
Differential, 20% - 80%
22 / 21
ps
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter Jr
rms
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2
ps, p-p
Propagation Delay, td
95
ps
[1] Deterministic jitter calculated by simultaneously measuring the jitter of a 300 mV, 13 GHz, 215-1 PRBS input, and a single-ended output
[1] VR = +3.3V
[2] Frequency = 13 GHz
DC Current vs. Supply Voltage [1] [2]
Output Differential
vs. Supply Voltage [1] [2]
Rise / Fall Time vs. Supply Voltage [2]
Output Differential vs. Frequency [1]
55
60
65
70
75
80
85
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
600
700
800
900
1000
1100
1200
1300
2
4
6
8
10
12
14
16
18
FREQUENCY (GHz)
15
17
19
21
23
25
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
tr
tf
SUPPLY VOLTAGE (V)
1000
1025
1050
1075
1100
1125
1150
1175
1200
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com