công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MDL-STEPPER bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện MDL-STEPPER
Giải thích chi tiết về linh kiện  Stepper Motor Control Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MDL-STEPPER bảng dữ liệu(HTML) 2 Page - Texas Instruments

  MDL-STEPPER Datasheet HTML 1Page - Texas Instruments MDL-STEPPER Datasheet HTML 2Page - Texas Instruments MDL-STEPPER Datasheet HTML 3Page - Texas Instruments MDL-STEPPER Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stepper Motor Control Board
2
BOARD
DA T A
SHEET
Supports NEMA17, NEMA23, and NEMA34 type stepper motors
Advanced chopper control of bipolar stepper motors
High step rates up to 10,000 steps/sec (with suitable motor)
Microstepping
Flexible platform accelerates integration process
Programmable holding current
Extensive configuration options using Windows Graphical User Interface (GUI)
Easy to customize—full source code and design files included
General Features
Integrated USB Virtual COM port
Boot loader for firmware upgrades over serial port
Support for external debugger through standard 20-pin ARM header
Test mode push-button and potentiometer
Status LEDs indicate Power, Status, and Mode
Screw terminals for all power and signal wiring
Communications Features
USB/Serial UART
– FTDI FT232R USB to serial UART
– Virtual COM port, 115.2k,8,n,1 operation
– Stellaris MCC Protocol
Operational Specifications
Table 1 shows the operating parameters for the MDL-STEPPER motor control board.
Table 1.
MDL-STEPPER Operating Specifications
Parameter Name
Min
Nom
Max
Unit
Power Supply
9
–
80
V DC
Speed Rangea
a. Actual range depends on motor type
1
–
10,000
steps/sec
Operating Temperature Range
0
–
70
°C
Storage Temperature Range
-25
–
85
°C
Motor Current (rated current per coil)
–
–
3
A
Motor Voltage (continuous coil voltage)
1
–
80
V DC



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com