công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MDL-ACIM bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện MDL-ACIM
Giải thích chi tiết về linh kiện  AC Induction Motor (ACIM) Control Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MDL-ACIM bảng dữ liệu(HTML) 2 Page - Texas Instruments

  MDL-ACIM Datasheet HTML 1Page - Texas Instruments MDL-ACIM Datasheet HTML 2Page - Texas Instruments MDL-ACIM Datasheet HTML 3Page - Texas Instruments MDL-ACIM Datasheet HTML 4Page - Texas Instruments MDL-ACIM Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC Induction Motor (ACIM) Control Board
2
BOARD
DA T A
SHEET
Overview
The MDL-ACIM motor control board controls three-phase and single-phase AC induction
motors. The board has an integrated USB port (Virtual COM port) and logic-level serial port
connections along with a quadrature encoder/tachometer input for speed and position
monitoring. Extensive configuration options using Windows Graphical User Interface (GUI)
are available and the board is easy to customize—full source code and design files are
available.
Features
The MDL-ACIM motor control board provides the following features:
End-user customizable line filter, bus capacitors, and JTAG interface
Split low-side current sensing for accurate current sensing
Dynamic braking circuit
Active in-rush control circuit
Electrically isolated JTAG port for software debugging or production programming (RDK
only)
Integrated AC line filter (RDK only)
USB/Serial UART
– FTDI FT232R USB to serial UART
– Virtual COM port, 115.2k,8,n,1 operation
– Stellaris MCC protocol
Operational Specifications
Table 1 shows the operating parameters for the MDL-ACIM motor control board.
Table 1.
MDL-ACIM Operating Specifications
Parameter Name
Min
Nom
Max
Unit
AC Input Voltage
(50/60Hz)
230V operation
195
230
265
VAC
115V w/ voltage doubler
95
115
135
VAC
DC Bus Voltage
270
320
370
VDC
Frequency Range
0
400
Hz
Continuous Output Current
3.2
ARMS
Electrical Isolation
2500
VRMS
Supply Current
10
ARMS
Operating Temperature Range
0
–
70
°C
Storage Temperature Range
-25
–
85
°C
Digital Input Low Level Input Voltage
-0.3
1.3
VDC



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com