công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC686LP4 bảng dữ liệu(PDF) 12 Page - Hittite Microwave Corporation

tên linh kiện HMC686LP4
Giải thích chi tiết về linh kiện  BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1500 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC686LP4 bảng dữ liệu(HTML) 12 Page - Hittite Microwave Corporation

Back Button HMC686LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 12Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 13Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 14Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 15Page - Hittite Microwave Corporation HMC686LP4 Datasheet HTML 16Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 12
HMC686LP4 / 686LP4E
v05.0509
BiCMOS MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1500 MHz
Pin Number
Function
Description
interface schematic
1, 6, 7, 11 - 14,
18, 20, 23
N/C
No connection. These pins may be connected to rF
ground. Performance will not be affected.
2, 5, 15, 17
GND
Package bottom must be
connected to rF/DC ground.
3
rF
This pin is matched single-ended to 50 Ohms and DC
shorted to ground through a balun.
4
TAP
Center tap of secondary side of the internal rF balun.
short to ground with zero ohms close to the package.
8, 10, 24
Vcc1, Vcc2,
Vcc3
Power supply voltage. see application circuit
for required external components.
9
LO_BiAs
LO buffer current adjustment pin. Adjust the LO buffer
current through the external resistor r9 shown in the
application circuit (connect 330 Ohms for nominal
operation). This adjustment allows for a trade-off
between power dissipation and linearity performance of
the converter.
16
LO
This pin is matched single-ended to 50 Ohms and DC
shorted to ground through a balun.
19
G_BiAs
external bias. see application circuit for recom-
mended external components. Apply +3.5V for nominal
operation at 5V supply voltage. G_Bias can be set to
between 0 and 5Vdc. The G_bias pin has an internal
15K ohm resistance to ground. This adjustment allows
for a trade off between conversion loss and linearity
performance of the converter (see figures CG, iP3 vs.
G-Bias).
21, 22
iFN, iFP
Differential iF input / output pins matched to differential
50 Ohms. For applications not requiring operation to
DC an off chip DC blocking capacitor should be used.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com