| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L3G4200DTR bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3G4200DTR bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 42 page ![]() L3G4200D Register description Doc ID 17116 Rev 3 33/42 Figure 19. INT1_Sel and Out_Sel configuration block diagram Table 35. Out_Sel configuration setting Hpen OUT_SEL1 OUT_SEL0 Description x0 0 Data in DataReg and FIFO are non-high- pass-filtered x0 1 Data in DataReg and FIFO are high-pass- filtered 01 x Data in DataReg and FIFO are low-pass- filtered by LPF2 11 x Data in DataReg and FIFO are high-pass and low-pass-filtered by LPF2 Table 36. INT_SEL configuration setting Hpen INT_SEL1 INT_SEL2 Description x0 0 Non-high-pass-filtered data are used for interrupt generation x0 1 High-pass-filtered data are used for interrupt generation 01 x Low-pass-filtered data are used for interrupt generation 11 x High-pass and low-pass-filtered data are used for interrupt generation ADC LPF1 HPF 0 1 HPen LPF2 10 11 01 00 Out_Sel <1:0> DataReg FIFO 32x16x3 00 11 10 01 Interrupt generator INT1_Sel <1:0> AM07949V2 |