| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F407IG bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 154 page ![]() STM32F405xx, STM32F407xx Introduction Doc ID 022152 Rev 1 9/154 1 Introduction This datasheet provides the description of the STM32F405xx and STM32F407xx lines of microcontrollers. For more details on the whole STMicroelectronics STM32™ family, please refer to Section 2.1: Full compatibility throughout the family. The STM32F405xx and STM32F407xx datasheet should be read in conjunction with the STM32F4xx reference manual. For information on programming, erasing and protection of the internal Flash memory, please refer to the STM32F4xx Flash programming manual (PM0081). The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Cortex™-M4F core please refer to the Cortex™-M4F Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com/help/index.jsp?topic=/com.arm.doc.ddi0439b/. |