công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MS40 bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện MS40
Giải thích chi tiết về linh kiện  Surface Mount Si-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MS40 bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  MS40_11 Datasheet HTML 1Page - Diotec Semiconductor MS40_11 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MS40 ... MS500
MS40 ... MS500
Surface Mount Si-Bridge-Rectifiers
Si-Brückengleichrichter für die Oberflächenmontage
Version 2011-06-16
Dimensions - Maße [mm]
Nominal current
Nennstrom
0.5 A
Alternating input voltage
Eingangswechselspannung
40...500 V
Plastic case
Kunststoffgehäuse
3 x 3 x 1.5mm
Super-MicroDIL
Weight approx. – Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Enlarged creepage and clearance, assembly on MiniDIL (TO-269AA) pad layouts
Vergrößerte Luft- und Kriechstrecken, Montage auf MiniDIL (TO-269AA) Lötpads
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. altern. input voltage
Max. Eingangswechselspg.
VVRMS [V]
Rep. peak reverse voltage
Periodische Spitzensperrspg.
VRRM [V] 1)
Marking / Kennzeichnung2)
Laser3)
Colour/Farbe
MS40
40
80
B ym
yellow /gelb
MS80
80
160
C ym
red /rot
MS125
125
250
E ym
white /weiß
MS250
250
600
J ym
green /grün
MS380
380
800
K ym
blue /blau
MS500
500
1000
M ym
violet /violett
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
6 A 4)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
20/22 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
2 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55...+150°C
1
Valid per diode – Gültig pro Diode
2
Bar denotes "DC side"; type code either by lasermarking or colour of bar
Balken kennzeichnet „Gleichstromseite“; Typkodierung durch Laserbeschriftung oder Balkenfarbe
3
“ym“´designates two digit datecode – “ym“ bezeichnet den zweistelligen Datumscode
4
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
5.1+0.2
6.5 0.2
±
0.5
2.5
~
~
+


Số phần tương tự - MS40_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
Handheld Digital Storage Oscilloscope & Multimeter
logo
Positronic.
MS4008D POSITRONIC-MS4008D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
logo
List of Unclassifed Man...
MS4009F ETC2-MS4009F Datasheet
517Kb / 4P
40W Medical Open Frame Power Supply
logo
Positronic.
MS4012D POSITRONIC-MS4012D Datasheet
4Mb / 86P
Positronic Provides Complete Capability
logo
List of Unclassifed Man...
MS4012F ETC2-MS4012F Datasheet
517Kb / 4P
40W Medical Open Frame Power Supply
More results

Mô tả tương tự - MS40_11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 DIOTEC-S40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
Surface Mount Si-Bridge Rectifiers
MB2S SEMIKRON-MB2S Datasheet
205Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com