công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS1985 bảng dữ liệu(PDF) 2 Page - Maxim Integrated Products

tên linh kiện DS1985
Giải thích chi tiết về linh kiện  16Kb Add-Only iButton
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1985 bảng dữ liệu(HTML) 2 Page - Maxim Integrated Products

  DS1985 Datasheet HTML 1Page - Maxim Integrated Products DS1985 Datasheet HTML 2Page - Maxim Integrated Products DS1985 Datasheet HTML 3Page - Maxim Integrated Products DS1985 Datasheet HTML 4Page - Maxim Integrated Products DS1985 Datasheet HTML 5Page - Maxim Integrated Products DS1985 Datasheet HTML 6Page - Maxim Integrated Products DS1985 Datasheet HTML 7Page - Maxim Integrated Products DS1985 Datasheet HTML 8Page - Maxim Integrated Products DS1985 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DS1985
2 of 26
iButton DESCRIPTION
The DS1985 16Kb Add-Only iButton is a rugged read/write data carrier that identifies and stores relevant
information about the product or person to which it is attached. This information can be accessed with
minimal hardware, for example a single port pin of a microcontroller. The DS1985 consists of a factory-
lasered registration number that includes a unique 48-bit serial number, an 8-bit CRC, and an 8-bit Family
Code (0BH) plus 16Kb of EPROM that is user-programmable. The power to program and read the
DS1985 is derived entirely from the 1-Wire communication line. Data is transferred serially via the
1-Wire protocol that requires only a single data lead and a ground return. The entire device can be
programmed and then write-protected if desired. Alternatively, the part may be programmed multiple
times with new data being appended to, but not overwriting, existing data with each subsequent
programming of the device. Note: Individual bits can be changed only from a logical 1 to a logical 0,
never from a logical 0 to a logical 1. A provision is also included for indicating that a certain page or
pages of data are no longer valid and have been replaced with new or updated data that is now residing at
an alternate page address. This page address redirection allows software to patch data and enhance the
flexibility of the device as a standalone database. The 48-bit serial number that is factory-lasered into
each DS1985 provides a guaranteed unique identity that allows for absolute traceability. The durable
MicroCan package is highly resistant to harsh environments such as dirt, moisture, and shock. Its compact
button-shaped profile is self-aligning with cup-shaped receptacles, allowing the DS1985 to be used easily
by human operators or automatic equipment. Accessories permit the DS1985 to be mounted on printed
circuit boards, plastic key fobs, photo-ID badges, ID bracelets, and many other objects. Applications
include work-in-progress tracking, electronic travelers, access control, storage of calibration constants,
and debit tokens.
OVERVIEW
The block diagram in Figure 1 shows the relationships between the major control and memory sections of
the DS1985. The DS1985 has three main data components: 1) 64-bit lasered ROM, 2) 16384-bits
EPROM Data Memory, and 3) 704-bits EPROM Status Memory. The device derives its power for read
operations entirely from the 1-Wire communication line by storing energy on an internal capacitor during
periods of time when the signal line is high and continues to operate off of this “parasite” power source
during the low times of the 1-Wire line until it returns high to replenish the parasite (capacitor) supply.
During programming, 1-Wire communication occurs at normal voltage levels and then is pulsed
momentarily to the programming voltage to cause the selected EPROM bits to be programmed. The
1-Wire line must be able to provide 12 volts and 10 milliamperes to adequately program the EPROM
portions of the part. Whenever programming voltages are present on the 1-Wire line a special high
voltage detect circuit within the DS1985 generates an internal logic signal to indicate this condition. The
hierarchical structure of the 1-Wire protocol is shown in Figure 2. The bus master must first provide one
of the four ROM Function Commands, 1) Read ROM, 2) Match ROM, 3) Search ROM, 4) Skip ROM.
These commands operate on the 64-bit lasered ROM portion of each device and can singulate a specific
device if many are present on the 1-Wire line as well as indicate to the bus master how many and what
types of devices are present. The protocol required for these ROM Function Commands is described in
Figure 8. After a ROM Function Command is successfully executed, the memory functions that operate
on the EPROM portions of the DS1985 become accessible and the bus master may issue any one of the
Figure 8. After a ROM Function Command is successfully executed, the memory functions that operate
on the EPROM portions of the DS1985 become accessible and the bus master may issue any one of the
five Memory Function Commands specific to the DS1985 to read or program the various data fields. The
protocol for these Memory Function Commands is described in Figure 5. All data is read and written least
significant bit first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com