| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC929 bảng dữ liệu(PDF) 6 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC929 bảng dữ liệu(HTML) 6 Page - Sharp Corporation |
|
6 / 6 page ![]() Operations of Shortcircuit Protector Circuit Anode TTL, microcomputer, etc. Photodiode Amp. Constant voltage circuit Interface IGBT protector circuit GND VCC O1 O2 C FS GND Cathode VCC RG RC CP VEE IGBT 8 9 10 11 12 13 14 Light emitting diode PC929 1. Detection of increase in VCE (sat) of IGBT due to overcurrent by means of C-terminal 9 terminal) 2. Reduction of the IGBT gate voltage, and suppression of the collector current. 3. Simultaneous output of signals to indicate the shortcircuit condition (FS signal) from FS terminal to the microcomputer 4. Judgement and processing by the microcomputer PC929 3 1 Feedback to primary side Precautions for Operation 1. It is recommended that a capacitor of about 1000pF is added between C-terminal and GND in order to prevent malfunction of C-terminal due to noise. In the case of capacitor added, rise of the detecting voltage is delayed. Thus, use together a resistance of about 1k Ω set between Vcc and C-terminal. The C-terminal rise time varies with the time constant of CR added. Check sufficiently before use. 2. The light-detecting element used for this product is provided with a parasitic diode between each terminal and GND. When a terminal happens to reach electric potential lower than GND potential even in a moment, malfunction or rupture may result. Design the circuit so that each terminal will be kept at electric potential lower than the GND potential at all times. In the case of instantaneous shortcircuit, run continues. At fault, input to the photocoupler is cut off, and IGBT is turned OFF. s |