| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM303DLM bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM303DLM bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 38 page ![]() Block diagram and pin description LSM303DLM 8/38 Doc ID 018725 Rev 1 20 SCL_M Magnetic signal interface I2C serial clock (SCL) 21 NC Internally not connected 22 Vdd_IO Signal interface power supply for I/O pins 23 Reserved Connect to Vdd_IO 24 SCL_A Linear acceleration signal interface I2C serial clock (SCL) 25 SDA_A Linear acceleration signal interface I2C serial data (SDA) 26 INT1 Inertial Interrupt 1 27 INT2 Inertial Interrupt 2 28 Reserved Connect to GND Table 2. Pin description (continued) Pin# Name Function |