| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC3H712NIP bảng dữ liệu(PDF) 1 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC3H712NIP bảng dữ liệu(HTML) 1 Page - Sharp Corporation |
|
1 / 5 page ![]() PC3H71X NIP Series PC3Q71X NIP Series PC3H71X NIP Series/PC3Q71X NIP Series s Rank Table s Absolute Maximum Ratings s Outline Dimensions (Unit : mm) Low Input Current Type Photocoupler 1. Programmable controllers 2. Facsimiles 3. Telephones s Features s Applications 1. Low input current type(IF =0.5mA) 2. High resistance to noise due to high common rejection voltage (CMR:MIN. 10kV/ µs) 3. Mini-flat package 4. Isolation voltage (Viso:2.5kVrms) 5. Recognized by UL, file No. E64380 Model No. Rank mark Ic (mA) Conditions PC3Q710NIP PC3Q711NIP A or no mark A 0.5 to 3.0 1.0 to 2.5 IF =0.5mA VCE =5V Ta =25°C *1 Pulse width<=100 µs, Duty ratio=0.001 *2 40 to 60%RH, AC for 1 minute, f =60Hz *3 For 10s Parameter Symbol Rating Unit Forward current Peak forward current IF IFM 10 200 mA mA mA Reverse voltage Input Output VR 6 V V Power dissipation Collector-emitter voltage P 15 Collector power dissipation Collector current Total power dissipation 150 70 50 mW mW mW Ptot IC PC VCEO V Emitter-collector voltage 6 VECO Viso kVrms 170 Operating temperature Topr −40 to +125 −30 to +100 °C °C Storage temperature Isolation voltage Tstg *2 *3 *1 Soldering temperature Tsol 260 2.5 °C (Ta =25°C) PC3Q71xNIP Series 0.4± 0.1 H 7 1 P C 3 Q 7 1 4.4± 0.2 5.3± 0.3 0.5+ 0.4 −0.2 7.0+ 0.2 −0.7 Anode mark Epoxy resin Internal connection diagram 1 2 3 4 Anode Anode Cathode Emitter Collector 5.3± 0.3 C0.4 (Input side) 0.5+ 0.4 −0.2 7.0+ 0.2 −0.7 Epoxy resin 6 ° 10.3± 0.3 1.27± 0.25 Primary side mark 8 1 9 16 16 14 12 15 13 10 11 9 1 3 5 2 4 7 6 8 7 5 3 1 6 4 2 13 11 9 14 12 10 8 15 16 Anode Anode Cathode Emitter Collector PC3H71xNIP Series 1 2 4 3 Internal connection diagram 1 4 3 2 0.2mm or more Soldering area Model No. Rank mark Ic (mA) Conditions PC3H710NIP PC3H711NIP PC3H712NIP PC3H715NIP A, B or no mark A A or B B 0.5 to 3.5 0.7 to 1.75 0.7 to 2.5 1.0 to 2.5 IF =0.5mA VCE =5V Ta =25°C Notice In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/ |
Số phần tương tự - PC3H712NIP |
|
Mô tả tương tự - PC3H712NIP |