| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS060S2UD01 bảng dữ liệu(PDF) 14 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS060S2UD01 bảng dữ liệu(HTML) 14 Page - Sharp Corporation |
|
14 / 21 page ![]() LCP-1310002-12 10.3. Data Protocol Data protocol for transmission of data (image, command, register) with HOST is supported as shown below. Data protocol is decided by register PRTCLSEL. Along with protocol, terminal BUSSEL also needs to be set up. Terminal BUSSEL designates data bus width on hardware. Width is 8bit when L and 16 bit when H. Same protocol is applied regardless of data transmission. Table 10-1 BUSSEL Data bus Register PRTCLSEL[2:0] Bit/Pixel note 000 1bit ① 001 2bit ② L 8 010 4bit D[15:8] is fixed at ”L” ③ 000 1bit ④ 001 2bit ⑤ 010 4bit When RAM write, D[15:8] inputs “L” When RAM read, D[15:8] outputs “L” ⑥ 101 2bit ⑦ H 16 110 4bit ⑧ Virtual location on RAM (with panel upper left as original point) Pixel(1,1)[P1] Pixel(2,1)[P2] Pixel(3,1)[P3] Pixel(4,1)[P4] … Data [3] Data [2] Data [1] Data [0] Data [3] Data [2] Data [1] Data [0] Data [3] Data [2] Data [1] Data [0] Data [3] Data [2] Data [1] Data [0] … … … 8bit bus(BUSSEL:”L”) ①1bit/pixel(PRTCLSEL:000) ②2bit/pixel(PRTCLSEL:001) ③4bit/pixel(PRTCLSEL:010) 1 st 2 nd 3 rd … 1 st 2 nd 3 rd … 1 st 2 nd 3 rd … D7 P0 Data [3] P8 Data [3] P16 Data [3] … D7 P0 Data [3] P4 Data [3] P8 Data [3] … D7 P0 Data [3] P2 Data [3] P4 Data [3] … D6 P1 Data [3] P9 Data [3] P17 Data [3] … D6 P0 Data [2] P4 Data [2] P8 Data [2] … D6 P0 Data [2] P2 Data [2] P4 Data [2] … D5 P2 Data [3] P10 Data [3] P18 Data [3] … D5 P1 Data [3] P5 Data [3] P9 Data [3] … D5 P0 Data [1] P2 Data [1] P4 Data [1] … D4 P3 Data [3] P11 Data [3] P19 Data [3] … D4 P1 Data [2] P5 Data [2] P9 Data [2] … D4 P0 Data [0] P2 Data [0] P4 Data [0] … D3 P4 Data [3] P12 Data [3] P20 Data [3] … D3 P2 Data [3] P6 Data [3] P10 Data [3] … D3 P1 Data [3] P3 Data [3] P5 Data [3] … D2 P5 Data [3] P13 Data [3] P21 Data [3] … D2 P2 Data [2] P6 Data [2] P10 Data [2] … D2 P1 Data [2] P3 Data [2] P5 Data [2] … D1 P6 Data [3] P14 Data [3] P22 Data [3] … D1 P3 Data [3] P7 Data [3] P11 Data [3] … D1 P1 Data [1] P3 Data [1] P5 Data [1] … D0 P7 Data [3] P15 Data [3] P23 Data [3] … D0 P3 Data [2] P7 Data [2] P11 Data [2] … D0 P1 Data [0] P3 Data [0] P5 Data [0] … |