| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC4310 bảng dữ liệu(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4310 bảng dữ liệu(HTML) 48 Page - NXP Semiconductors |
|
48 / 145 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2.1 — 23 September 2011 48 of 145 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller PD_3 P4 - - - - - [3] I; PU - R — Function reserved. O CTOUT_6 — SCT output 7. Match output 2 of timer 1. I/O EMC_D17 — External memory data line 17. - R — Function reserved. I/O GPIO6[17] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. I/O SGPIO7 — General purpose digital input/output pin. PD_4 T2 - - - - - [3] I; PU - R — Function reserved. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. I/O EMC_D18 — External memory data line 18. - R — Function reserved. I/O GPIO6[18] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. I/O SGPIO8 — General purpose digital input/output pin. PD_5 P6 - - - - - [3] I; PU - R — Function reserved. O CTOUT_9 — SCT output 9. Match output 1 of timer 2. I/O EMC_D19 — External memory data line 19. - R — Function reserved. I/O GPIO6[19] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. I/O SGPIO9 — General purpose digital input/output pin. PD_6 R6 - - 68 - - [3] I; PU - R — Function reserved. O CTOUT_10 — SCT output 10. Match output 2 of timer 2. I/O EMC_D20 — External memory data line 20. - R — Function reserved. I/O GPIO6[20] — General purpose digital input/output pin. - R — Function reserved. - R — Function reserved. I/O SGPIO10 — General purpose digital input/output pin. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |