| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC4350 bảng dữ liệu(PDF) 122 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 bảng dữ liệu(HTML) 122 Page - NXP Semiconductors |
|
122 / 145 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2.1 — 23 September 2011 122 of 145 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller 13. Application information 13.1 LCD panel signal usage Table 24. LCD panel connections for STN single panel mode External pin 4-bit mono STN single panel 8-bit mono STN single panel Color STN single panel LPC43xx pin used LCD function LPC43xx pin used LCD function LPC43xx pin used LCD function LCD_VD[23:8] - - - - - - LCD_VD7 - - P8_4 UD[7] P8_4 UD[7] LCD_VD6 - - P8_5 UD[6] P8_5 UD[6] LCD_VD5 - - P8_6 UD[5] P8_6 UD[5] LCD_VD4 - - P8_7 UD[4] P8_7 UD[4] LCD_VD3 P4_2 UD[3] P4_2 UD[3] P4_2 UD[3] LCD_VD2 P4_3 UD[2] P4_3 UD[2] P4_3 UD[2] LCD_VD1 P4_4 UD[1] P4_4 UD[1] P4_4 UD[1] LCD_VD0 P4_1 UD[0] P4_1 UD[0] P4_1 UD[0] LCD_LP P7_6 LCDLP P7_6 LCDLP P7_6 LCDLP LCD_ENAB/ LCDM P4_6 LCDENAB/ LCDM P4_6 LCDENAB/ LCDM P4_6 LCDENAB/ LCDM LCD_FP P4_5 LCDFP P4_5 LCDFP P4_5 LCDFP LCD_DCLK P4_7 LCDDCLK P4_7 LCDDCLK P4_7 LCDDCLK LCD_LE P7_0 LCDLE P7_0 LCDLE P7_0 LCDLE LCD_PWR P7_7 CDPWR P7_7 LCDPWR P7_7 LCDPWR GP_CLKIN PF_4 LCDCLKIN PF_4 LCDCLKIN PF_4 LCDCLKIN Table 25. LCD panel connections for STN dual panel mode External pin 4-bit mono STN dual panel 8-bit mono STN dual panel Color STN dual panel LPC43xx pin used LCD function LPC43xx pin used LCD function LPC43xx pin used LCD function LCD_VD[23:16] - - - - - - LCD_VD15 - - PB_4 LD[7] PB_4 LD[7] LCD_VD14 - - PB_5 LD[6] PB_5 LD[6] LCD_VD13 - - PB_6 LD[5] PB_6 LD[5] LCD_VD12 - - P8_3 LD[4] P8_3 LD[4] LCD_VD11 P4_9 LD[3] P4_9 LD[3] P4_9 LD[3] LCD_VD10 P4_10 LD[2] P4_10 LD[2] P4_10 LD[2] LCD_VD9 P4_8 LD[1] P4_8 LD[1] P4_8 LD[1] LCD_VD8 P7_5 LD[0] P7_5 LD[0] P7_5 LD[0] LCD_VD7 - - UD[7] P8_4 UD[7] LCD_VD6 - - P8_5 UD[6] P8_5 UD[6] LCD_VD5 - - P8_6 UD[5] P8_6 UD[5] LCD_VD4 - - P8_7 UD[4] P8_7 UD[4] LCD_VD3 P4_2 UD[3] P4_2 UD[3] P4_2 UD[3] |