| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC4350 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4350 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 145 page ![]() LPC4350_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2.1 — 23 September 2011 12 of 145 NXP Semiconductors LPC4350/30/20/10 32-bit ARM Cortex-M4/M0 microcontroller P1_8 R7 x H5 71 51 36 [3] I; PU I/O GPIO1[1] — General purpose digital input/output pin. O U1_DTR — Data Terminal Ready output for UART1. O CTOUT_12 — SCT output 12. Match output 0 of timer 3. I/O EMC_D1 — External memory data line 1. - R — Function reserved. - R — Function reserved. - R — Function reserved. O SD_VOLT0 — SD/MMC bus voltage select output 0. P1_9 T7 x J5 73 52 37 [3] I; PU I/O GPIO1[2] — General purpose digital input/output pin. O U1_RTS — Request to Send output for UART1. O CTOUT_11 — SCT output 11. Match output 3 of timer 2. I/O EMC_D2 — External memory data line 2. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SD_DAT0 — SD/MMC data bus line 0. P1_10 R8 x H6 75 53 38 [3] I; PU I/O GPIO1[3] — General purpose digital input/output pin. I U1_RI — Ring Indicator input for UART1. O CTOUT_14 — SCT output 14. Match output 2 of timer 3. I/O EMC_D3 — External memory data line 3. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SD_DAT1 — SD/MMC data bus line 1. P1_11 T9 x J7 77 55 39 [3] I; PU I/O GPIO1[4] — General purpose digital input/output pin. I U1_CTS — Clear to Send input for UART1. O CTOUT_15 — SCT output 15. Match output 3 of timer 3. I/O EMC_D4 — External memory data line 4. - R — Function reserved. - R — Function reserved. - R — Function reserved. I/O SD_DAT2 — SD/MMC data bus line 2. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |