| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC1850 bảng dữ liệu(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 bảng dữ liệu(HTML) 38 Page - NXP Semiconductors |
|
38 / 142 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 2.2 — 9 September 2011 38 of 142 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller PB_1 A14 x - x - - [3] I; PU - R — Function reserved. I USB1_ULPI_DIR — ULPI link DIR signal. Controls the ULP data line direction. O LCD_VD22 — LCD data. - R — Function reserved. I/O GPIO5[21] — General purpose digital input/output pin. O CTOUT_6 — SCT output 6. Match output 2 of timer 1. - R — Function reserved. - R — Function reserved. PB_2 B12 x - x - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D7 — ULPI link bidirectional data line 7. O LCD_VD21 — LCD data. - R — Function reserved. I/O GPIO5[22] — General purpose digital input/output pin. O CTOUT_7 — SCT output 7. Match output 3 of timer 1. - R — Function reserved. - R — Function reserved. PB_3 A13 x - x - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D6 — ULPI link bidirectional data line 6. O LCD_VD20 — LCD data. - R — Function reserved. I/O GPIO5[23] — General purpose digital input/output pin. O CTOUT_8 — SCT output 8. Match output 0 of timer 2. - R — Function reserved. - R — Function reserved. PB_4 B11 x - x - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D5 — ULPI link bidirectional data line 5. O LCD_VD15 — LCD data. - R — Function reserved. I/O GPIO5[24] — General purpose digital input/output pin. I CTIN_5 — SCT input 5. Capture input 2 of timer 2. - R — Function reserved. - R — Function reserved. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |