công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STP34NM60N bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STP34NM60N
Giải thích chi tiết về linh kiện  N-channel 600 V, 0.092 Ω, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP34NM60N bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STP34NM60N Datasheet HTML 1Page - STMicroelectronics STP34NM60N Datasheet HTML 2Page - STMicroelectronics STP34NM60N Datasheet HTML 3Page - STMicroelectronics STP34NM60N Datasheet HTML 4Page - STMicroelectronics STP34NM60N Datasheet HTML 5Page - STMicroelectronics STP34NM60N Datasheet HTML 6Page - STMicroelectronics STP34NM60N Datasheet HTML 7Page - STMicroelectronics STP34NM60N Datasheet HTML 8Page - STMicroelectronics STP34NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STF34NM60N, STP34NM60N, STW34NM60N
4/17
Doc ID 17740 Rev 3
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating @125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 14.5 A
0.092
0.105
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
2722
173
1.75
-
pF
pF
pF
Coss eq.
(1)
1.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
-
458
-
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD =300 V, ID = 14.5 A
RG =4.7 Ω, VGS = 10 V
(see Figure 23),
(see Figure 18)
-
17
34
106
67
-
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 29 A,
VGS = 10 V,
(see Figure 19)
-
83.6
14
45
-
nC
nC
nC
Rg
Gate input resistance
f=1MHz Gate DC Bias=0
Test signal level=20 mV
Open drain
-2.9
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com