| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L6470H bảng dữ liệu(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6470H bảng dữ liệu(HTML) 61 Page - STMicroelectronics |
|
61 / 70 page ![]() L6470 Programming manual Doc ID16737 Rev 4 61/70 9.2.10 GoUntil (ACT, DIR, SPD) The GoUntil command produces a motion at SPD speed imposing a forward (DIR = '1') or a reverse (DIR = '0') direction. When an external switch turn-on event occurs (see Section 6.13), the ABS_POS register is reset (if ACT = '0') or the ABS_POS register value is copied into the MARK register (if ACT = '1'); then the system performs a SoftStop command. The SPD value is expressed in step/tick (format unsigned fixed point 0.28) that is the same format as the SPEED register (see Section 9.1.4). The SPD value should be lower than MAX_SPEED and greater than MIN_SPEED, otherwise the target speed is imposed at MAX_SPEED or MIN_SPEED respectively. If the SW_MODE bit of the CONFIG register is set low, the external switch turn-on event causes a HardStop interrupt instead of the SoftStop one (see Section 6.13 and 9.1.21). This command keeps the BUSY flag low until the switch turn-on event occurs and the motor is stopped. This command can be given anytime and is immediately executed. 9.2.11 ReleaseSW (ACT, DIR) The ReleaseSW command produces a motion at minimum speed imposing a forward (DIR = '1') or reverse (DIR = '0') rotation. When SW is released (opened), the ABS_POS register is reset (ACT = '0') or the ABS_POS register value is copied into the MARK register (ACT = '1'); the system then performs a HardStop command. Note that resetting the ABS_POS register is equivalent to setting the HOME position. If the minimum speed value is less than 5 step/s or low speed optimization is enabled, the motion is performed at 5 step/s. The ReleaseSW command keeps the BUSY flag low until the switch input is released and the motor is stopped. Table 46. GoUntil command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 0 0 0 ACT 0 1 DIR from host X X X X SPD (Byte 2) from host SPD (Byte 1) from host SPD (Byte 0) from host Table 47. ReleaseSW command structure Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 1 0 0 1 ACT 0 1 DIR from host |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |