| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMT10X bảng dữ liệu(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
AMT10X bảng dữ liệu(HTML) 3 Page - CUI INC |
|
3 / 8 page ![]() date page 11/2010 3 of 8 SERIES: DESCRIPTION: INCREMENTAL ENCODER AMT10X 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2380 www.cui.com RESOLUTION SETTINGS 0 = On, 1 = Off Resolution (PPR) Maximum RPM 4 3 2 1 2048 7500 1 1 1 1 1000 7500 1 1 1 0 800 7500 1 1 0 1 384 7500 1 1 0 0 1024 15000 1 0 1 1 500 15000 1 0 1 0 400 15000 1 0 0 1 192 15000 1 0 0 0 512 30000 0 1 1 1 250 30000 0 1 1 0 200 30000 0 1 0 1 96 30000 0 1 0 0 256 30000 0 0 1 1 125 30000 0 0 1 0 100 30000 0 0 0 1 48 30000 0 0 0 0 ON 4 3 2 1 0 (on) (off) 1 Example setting: 500 DIP switch: ASSEMBLY PROCEDURE 1. Insert Tool A as a spacer that defines the distance to the mounting surface. 2. Slide appropriate sized Sleeve over shaft all the way down to Tool A. 3. Slide Shaft Adaptor over Sleeve. 4. Use Tool B to press Shaft Adaptor over Sleeve until flush with Tool A. 5. Remove Tools A and B. 6. Place Base on motor, with Tool B used as a centering tool. 7. Fasten the Base on the motor. 8. Remove Tool B. 10. Make sure the snaps are fully engaged and the Top Cover is flush with the Base. 11. When assembly is finished, the Shaft Adaptor should be about flush with the front of the Encoder and the Motor Shaft should rotate freely. 9. Slide the Top Cover onto the Base, carefully observing that the teeth of the Shaft Adaptor align with the grooves in the hub. STEP 1 STEP 2 STEP 3 STEP 4 STEP 5 STEP 6 6a. Align Tool B with flange on Base. 6b. Slide Base and Tool B onto motor, centering onto the Shaft Adapter. Align Tool B with flange on Base |