| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XP-C bảng dữ liệu(PDF) 13 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-C bảng dữ liệu(HTML) 13 Page - Cree, Inc |
|
13 / 16 page ![]() Copyright © 2008-2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade- marks of Cree, Inc. 13 XLAMP XP-C LEDS NOTES Moisture Sensitivity In testing, Cree has found XLamp XP-C & XP-E LEDs to have unlimited floor life in conditions ≤30ºC / 85% relative humidity (RH). Moisture testing included a 168 hour soak at 85ºC / 85% RH followed by 3 reflow cycles, with visual and electrical inspections at each stage. RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other- wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/ EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim WARNING: Do not look at exposed lamp in operation. Eye injury can result. See LED Eye Safety at http://www.cree. com/products/pdf/XLamp_EyeSafety.pdf. Intellectual Property For remote phosphor applications, a separate license to certain Cree patents is required. |