công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP-L bảng dữ liệu(PDF) 5 Page - Cree, Inc

tên linh kiện MP-L
Giải thích chi tiết về linh kiện  Cree® XLamp® MP-L EasyWhite™ LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CREE [Cree, Inc]
Trang chủ  http://www.cree.com/
Logo CREE - Cree, Inc

MP-L bảng dữ liệu(HTML) 5 Page - Cree, Inc

  MP-L Datasheet HTML 1Page - Cree, Inc MP-L Datasheet HTML 2Page - Cree, Inc MP-L Datasheet HTML 3Page - Cree, Inc MP-L Datasheet HTML 4Page - Cree, Inc MP-L Datasheet HTML 5Page - Cree, Inc MP-L Datasheet HTML 6Page - Cree, Inc MP-L Datasheet HTML 7Page - Cree, Inc MP-L Datasheet HTML 8Page - Cree, Inc MP-L Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
XLAMP MP-L EASYWHITE LEDS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
refloW soldering characteristics
In testing, Cree has found XLamp MP-L easyWhite LeDs to be compatible with JeDeC J-STD-020C, using the parameters
listed below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by
the manufacturer of solder paste used.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
lead-Based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3°C/second max.
3°C/second max.
Preheat: Temperature Min (Ts
min)
100°C
150°C
Preheat: Temperature Max (Ts
max)
150°C
200°C
Preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183°C
217°C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
Peak/Classification Temperature (Tp)
215°C
260°C
Time Within 5°C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6°C/second max.
6°C/second max
Time 25°C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com