công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S3D bảng dữ liệu(PDF) 1 Page - Micro Commercial Components

tên linh kiện S3D
Giải thích chi tiết về linh kiện  3 Amp Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S3D bảng dữ liệu(HTML) 1 Page - Micro Commercial Components

  S3D Datasheet HTML 1Page - Micro Commercial Components S3D Datasheet HTML 2Page - Micro Commercial Components S3D Datasheet HTML 3Page - Micro Commercial Components S3D Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S3A
THRU
S3M
3 Amp
Silicon Rectifier
50 to 1000 Volts
Features
•
For Surface Mount Applications
•
Low Thermal Resistance
•
High Current Capability
•
High Temp Soldering: 260
°C for 10 Seconds At Terminals
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 10
°C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S3A
S3A
50V
35V
50V
S3B
S3B
100V
70V
100V
S3D
S3D
200V
140V
200V
S3G
S3G
400V
280V
400V
S3J
S3J
600V
420V
600V
S3K
S3K
800V
560V
800V
S3M
S3M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
3.0A
Ta = 120
°C
Peak Forward Surge
Current
IFSM
100A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 3.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
250
µA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
DO-214AB
(SMC)
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
0.070”
0.190
0.125”
SUGGESTED SOLDER
PAD LAYOUT
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.103
2.00
2.62
B
.108
.128
2.75
3.25
C
.002
.008
0.051
0.203
D
.006
.012
0.152
0.305
E
.030
.050
0.76
1.27
F
..305
.320
7.75
8.13
G
.260
.280
6.60
7.11
H
.220
.245
5.59
6.22
G
H
E
D
F
A
B
C
DIMENSIONS
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Số phần tương tự - S3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
S3D PANJIT-S3D Datasheet
415Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Surge Components
S3D SURGE-S3D Datasheet
78Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 3.0 Ampere????
logo
Transys Electronics
S3D TRSYS-S3D Datasheet
158Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S3D JGD-S3D Datasheet
169Kb / 2P
1.0 AMPS SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S3D SSE-S3D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Mô tả tương tự - S3D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Micro Commercial Compon...
S3A MCC-S3A Datasheet
97Kb / 3P
3 Amp Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB Datasheet
86Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_11 Datasheet
251Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3A MCC-FR3A_13 Datasheet
775Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_13 Datasheet
282Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
S3B-TP MCC-S3B-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
FR3AB MCC-FR3AB_17 Datasheet
217Kb / 4P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
S3A MCC-S3A_15 Datasheet
630Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
FR3A LEIDITECH-FR3A Datasheet
816Kb / 3P
3 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com