| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP120 bảng dữ liệu(PDF) 6 Page - Seme LAB |
|
|
|||||||||||||||||||||||||||||
IP120 bảng dữ liệu(HTML) 6 Page - Seme LAB |
|
6 / 6 page ![]() Document Number 3725 Issue: 2 Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. MECHANICAL INFORMATION IP120 SERIES IP7900 SERIES LM120 SERIES LM7900 SERIES 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) K-Package (TO-3) 3.68 (0.145) rad. max. 3.61 (0.142) 4.08(0.161) rad. 1.27 (0.050) 1.91 (0.750) 9.14 (0.360) min. 4.83 (0.190) 5.33 (0.210) 6.35 (0.250) 8.64 (0.340) 1 2 2.54 (0.1) BSC 3.70 Dia. Nom 1 2 3 0.8 (0.03) 2.70 (0.106) 1.0 (0.039) 4.6 (0.18) 10.6 (0.42) 3 . 6 0 ( 0 . 1 4 2 ) M a x . 3 . 7 0 ( 0 . 1 4 6 ) 3 . 4 1 ( 0 . 1 3 4 ) 3 . 7 0 ( 0 . 1 4 6 ) 3 . 4 1 ( 0 . 1 3 4 ) 0 . 8 9 ( 0 . 0 3 5 ) m i n . 9 . 6 7 ( 0 . 3 8 1 ) 9 . 3 8 ( 0 . 3 6 9 ) 1 1 . 5 8 ( 0 . 4 5 6 ) 1 1 . 2 8 ( 0 . 4 4 4 ) 0 . 5 0 ( 0 . 0 2 0 ) 0 . 2 6 ( 0 . 0 1 0 ) 1 3 2 G/IG-Package (TO-257) SMD (SMD 1) 2 1 3 2.41 (0.095) (0.030) min. 0.127 (0.005) (0.296) 3.175 (0.125) Max. 0.50 (0.020) max. 7.54 0.76 2.41 (0.095) 0.127 (0.005) (0.286) 7.26 16 PLCS 0.50(0.020) 0.127 (0.005) 220M-Package (TO-220) R-Package (TO-66) SMD-05 (SMD 0.5) |