công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS39154CP4RO bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS39154CP4RO
Giải thích chi tiết về linh kiện  1.5A Ultra Low LDO with Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39154CP4RO bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS39154CP4RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39154CP4RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS39154
1.5A Ultra Low LDO with Enable
1/7
Version: D08
TO-252-4L
(PPAK)
General Description
TS39154 is 1.5A ultra low dropout linear voltage regulators that provide low voltage, high current output from an
extremely small package. This regulator offers extremely low dropout (typically 400mV at 1.5A) and very low ground
current (typically 25mA at 1.5A). TS39154 is fully protected against over current faults, reversed input polarity,
reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable
control. On the TS39154, the enable pin may be tied to VIN if it is not required for enable control.
Features
●
Dropout voltage typically 0.4V @ Io=1.5A
●
Output Current up to 1.5A
●
Low Ground Current
●
Extremely Fast Transient Response
●
Reversed Leakage & Reverse Battery Protection
●
Internal Current Limit
●
Thermal Shutdown Protection
Application
●
PowerPC
TM Power Supplies
●
Battery Powered Equipment
●
Consumer and Personal Electronics
●
High Efficiency Linear Power Supplies
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Post Regulator for Switching Supply
●
Low-Voltage microcontrollers and Digital Logic
Ordering Information
Part No.
Package
Packing
TS39154CP4 RO
TO-252-4L
2,500pcs / 13” Reel
Absolute Maximum Rating (Note 1)
Supply Voltage
VIN
-20V ~ +20
V
Enable Voltage
VEN
+20
V
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
ESD
(Note 3)
Operating Rating (Note 2)
Operation Input Voltage
VIN (operate)
+2.25 ~ +16
V
Operation Enable Voltage
VEN (operate)
+2.25 ~ +16
V
Power Dissipation (Note 4)
PD
Internally Limited
W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Pin Definition:
1. Enable
2. Input
3. Ground
4. Output
5. Adjustable


Số phần tương tự - TS39154CP4RO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
520Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CM TSC-TS39150CM Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150CM TSC-TS39150CM Datasheet
520Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CM05 TSC-TS39150CM05 Datasheet
116Kb / 5P
1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
More results

Mô tả tương tự - TS39154CP4RO

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Global Mixed-mode Techn...
G965 GMT-G965 Datasheet
400Kb / 8P
1.5A Low Dropout Regulator with Enable
G9965 GMT-G9965 Datasheet
42Kb / 1P
1.5A Low Dropout Regulator with Enable
logo
Texas Instruments
TPS74301 TI-TPS74301 Datasheet
846Kb / 27P
1.5A Ultra-LDO with Programmable Sequencing
logo
Global Mixed-mode Techn...
G965 GMT-G965_07 Datasheet
498Kb / 9P
1.5A Low Dropout Regulator with Enable
logo
Taiwan Semiconductor Co...
TS39105 TSC-TS39105 Datasheet
302Kb / 7P
1A Ultra Low LDO with Enable
logo
Richtek Technology Corp...
RT2515H RICHTEK-RT2515H Datasheet
260Kb / 9P
2A, Low Input Voltage, Ultra-Low Dropout LDO Regulator with Enable
logo
Texas Instruments
TPS74301 TI-TPS74301_15 Datasheet
953Kb / 28P
1.5A Ultra-LDO with Programmable Sequencing
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com