| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MBR3045PT bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
MBR3045PT bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 2 page ![]() Version:G11 RATINGS AND CHARACTERISTIC CURVES (MBR3035PT THRU MBR30200PT) FIG.1 FORWARD CURRENT DERATING CURVE 0 5 10 15 20 25 30 35 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 CASE TEMPERATURE ( oC) RESISTIVE OR INDUCTIVELOAD FIG. 2 MAXIMUM FORWARD SURGE CURRENT 0 20 40 60 80 100 120 140 160 180 200 220 1 10 100 NUMBER OF CYCLES AT 60 Hz 8.3mS Single Half Sine Wave JEDEC Method FIG. 4 TYPICAL REVERSE CHARACTERISTICS 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) TA=125℃ TA=25℃ MBR3035PT-3045PT MBR3050PT-30200PT FIG. 5 TYPICAL JUNCTION CAPACITANCE 100 1000 10000 0.1 1 10 100 REVERSE VOLTAGE (V) TA=25℃ f=1.0MHz Vsig=50mVp-p MBR3035PT-MBR3045PT MBR3050PT-MBR3060PT MBR3090PT-MBR30200PT FIG. 3 TYPICAL FORWARD CHARACTERISRICS 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 FORWARD VOLTAGE (V) TA=150℃ MBR3035PT-45PT MBR3050PT-60PT MBR3090PT-200PT TA=25℃ FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG 0.1 1 10 100 0.01 0.1 1 10 100 T-PULSE DURATION(s) |