công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR20120FCT bảng dữ liệu(PDF) 2 Page - Micro Commercial Components

tên linh kiện MBR20120FCT
Giải thích chi tiết về linh kiện  20 Amp HighVoltage Power Schottky Barrier Rectifier 120 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MCC [Micro Commercial Components]
Trang chủ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBR20120FCT bảng dữ liệu(HTML) 2 Page - Micro Commercial Components

  MBR20120FCT Datasheet HTML 1Page - Micro Commercial Components MBR20120FCT Datasheet HTML 2Page - Micro Commercial Components MBR20120FCT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR20120
FCT
Instantaneous Reverse Leakage Current - MicroAmperes
versus
Percent Of Rated Peak Reverse Voltage - Volts
Average Forward Rectified Current - Amperes
versus
Case Temperature -
°C
Figure 3
Forward Derating Curve
25
50
100
125
150
0
0
4
8
12
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
75
16
20
Figure 2
Typical Reverse Characteristics
Volts
.4
.6
2
1
µAmps
20
150
50
75
100
125
.001
.002
.006
.01
.02
.04
.06
.1
.2
4
6
10
175
TA=25
°C
MCC
1
100
4
0
25
50
75
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
610
20
60 80
40
100
125
150
Revision:
6
20
10/01/05
Typical Forward Characteristics
Figure 1
Instantaneous Forward Current - Amperesversus
Instantaneous Forward Voltage - Volts
Amps
25
°C
Volts
0.1 0.2
0.4
0.5
0.3
0.6
0.8
0.7
0.9
1.0
0.1
1.0
10
100
24
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3