| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BAS40 bảng dữ liệu(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
|
|||||||||||||||||||||||||||||
BAS40 bảng dữ liệu(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
|
2 / 2 page ![]() BAS40 / -04 / -05 / -06 200mW, Low VF, SMD Schottky Barrier Diode Small Signal Diode Rating and Sharacteristic Curves ( BAS40 / -04 / -05 / -06 ) Version : D11 FIG.4- TYPICAL REVERSE CHARACTERISTICS FIG.1- POWER DERATING CURVE 0 25 50 75 100 125 200 100 0 T , AMBIENT TEMPERATURE ( C) A FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS 1 0.01 0.1 10 100 100 10 1 0.1 PULSE DURATION. (sec) FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG 1 2 5 10 20 100 50 600 300 0 NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine Wave (JEDEC Method) FIG.3- TYPICAL FORWARD CHARACTERISTICS 00.2 1.2 T , INSTANTANEOUS FORWARD VOLTAGE (mV) j 1 0.1 0.01 0.001 0.0001 0.4 0.6 0.8 1.0 FIG.5- TYPICAL TOTAL CAPACITANCE VS REVERSE VOLTAGE 4.0 2.0 0 0 5 10 15 20 REVERSE VOLTAGE f = 1.0MHz 10 20 30 40 10000 1000 100 10 1 0.1 V , REVERSE VOLTAGE. (V) R 0 T = -40 C A 0 T= 0 C A 0 T = 25 C A 0 T = 125 C A 0 T = 70 C A 0 T = -40 C A 0 T = 70 C A 0 T= 0 C A 0 T = 25 C A 0 T = 125 C A 0 |