| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SML-R12DTT87P bảng dữ liệu(PDF) 3 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
SML-R12DTT87P bảng dữ liệu(HTML) 3 Page - Rohm |
|
3 / 4 page ![]() SML-R1 Series Rank Reference of Brightness Red (V, U) Yellow (Y) Green (M, P) Orange (D) Blue (B) White (WB) Package size(mm) Luminous Intensity (mcd) Height(mm) G H J K L M N P Q R S T U V W X 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Side View Chip LEDs 16115 0.2 SML-R12V8T SML-R12U8T Package size(mm) Luminous Intensity (mcd) Height(mm) G H J K L M N P Q R S T U V W X 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Side View Chip LEDs 16115 0.2 SML-R12Y8T Package size(mm) Luminous Intensity (mcd) Height(mm) G H J K L M N P Q R S T U V W X 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1600 Side View Chip LEDs 16115 0.2 SML-R12D8T Package size(mm) Luminous Intensity (mcd) Height(mm) G H J K L M N P Q R S T U V W 0.9 to 1.4 1.4 to 2.2 2.2 to 3.6 3.6 to 5.6 5.6 to 9.0 9 to 14 14 to 22 22 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 Side View Chip LEDs 16115 0.2 SMLR13BDT Package size (mm) Luminous Intensity (mcd) Height(mm) P Q R S T U V W 25 to 36 36 to 56 56 to 90 90 to 140 140 to 220 220 to 360 360 to 560 560 to 900 Side View Chip LEDs 1810 0.2 SMLR13WBDW Package size(mm) Luminous Intensity (mcd) Height(mm) F G H J K L M N P Q R S T U V W X 0.63 to 1.0 1.0 to 1.6 1.6 to 2.5 2.5 to 4.0 4.0 to 6.3 6.3 to 10 10 to 16 16 to 25 25 to 40 40 to 63 63 to 100 100 to 160 160 to 250 250 to 400 400 to 630 630 to 1000 1000 to 1800 Side View Chip LEDs 16115 0.2 SML-R12M8T SML-R12P8T Part No. Construction Packing Specification ∗ Concerning the Brightness rank • Please refer to the rank chart above for luminous intensity classification. • Part name is individual for each rank. • When shipped as sample, the part name will be a representative part name. General products are free of ranks. Please contact sales if rank appointment is needed. S M L R 1 2 M T P T 8 6 Special Code will be applied for Emitting color W/B/E series. Chromaticity rank(for white LED) ∗ “−” will be taken out for emitting color W/B/E series. Series name Package name Chip Type Emitting Color Resin Color Taping Specifications Rank sign (Brightness Rank)∗ V U 2 High Brightness Type 3 Ultra High Brightness Type D Y M P B WB T Transparent Colorless W MilkyWhite Red:630nm Red:620nm Orange:605nm Yellow:587(590)nm Yellowish-Green:572nm Green:560nm Blue:470nm White T86 T87 1 Cathode at sprocket hole side For white LED, cathode at sprocket hole side Reverse of T86 ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags. Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request. Please contact the nearest sales office or distributer if necessary. (Ta=25˚C, IF=5mA) (Ta=25˚C, IF=5mA) (Ta=25˚C, IF=20mA) (Ta=25˚C, IF=20mA) (Ta=25˚C, IF=20mA) (Ta=25˚C, IF=20mA) 3/3 © 2011 ROHM Co., Ltd. All rights reserved. www.rohm.com 2011.05 - Rev.B |