| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC2P04AC bảng dữ liệu(PDF) 2 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
ADC2P04AC bảng dữ liệu(HTML) 2 Page - C&K Components |
|
2 / 5 page ![]() J J–56 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ck-components.com A Series General Purpose Snap-acting Switches SERIES NO. POLES S SINGLE POLE SWITCH D DOUBLE POLE SWITCH A GENERAL PURPOSE SNAP-ACTING SWITCHES Mounting holes will accept pins or screws of .139 dia. (3,53) max., on 1.000 (25,40) centers. Mounting holes will accept pins or screws of .139 dia. (3,53) max., on 1.000 (25,40) centers. NOTE: To select switching function, see CIRCUITRY section, page J-59. . |