| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LH28F016LL bảng dữ liệu(PDF) 13 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LH28F016LL bảng dữ liệu(HTML) 13 Page - Sharp Corporation |
|
13 / 29 page ![]() 16M (1M × 16, 2M × 8) Flash Memory LH28F016LL 13 BS BLS BOS BOAS QS VPPS R R 765 43 2 1 0 BSR.7 = 1BLOCK STATUS (BS) 1 = Ready 0 = Busy BSR.6 = BLOCK-LOCK STATUS (BLS) 1 = Block Unlocked for Write/Erase 0 = Block Locked for Write/Erase BSR.5 = BLOCK OPERATION STATUS (BOS) 1 = Operation Unsuccessful 0 = Operation Successful or Currently Running BSR.4 = BLOCK OPERATION ABORT STATUS (BOAS) 1 = Operation Aborted 0 = Operation Not Aborted MATRIX 5/4 00 = Operation Successful or Currently Running 01 = Not a valid Combination 10 = Operation Unsuccessful 11 = Operation Aborted BSR.3 = QUEUE STATUS (QS) 1 = Queue Full 0 = Queue Available BSR.2 = VPP STATUS (VPPS) 1 = VPP Low Detect, Operation Abort 0 = VPP OK NOTES: 1. RY »/BY » output or BS bit must be checked to determine completion of an operation (Block Lock, Suspend, Erase or Data Write) before the appropriate Status bits (BOS, BLS) is checked for success. 2. The BOAS bit will not be set until BSR.7 = 1. 3. Operation halted via Abort command. 4. BSR.1-0 = RESERVED FOR FUTURE ENHANCEMENTS These bits are reserved for future use; mask them out when polling the BSRs. 5. When multiple operations are queued, checking BSR.7 only provides indication of completion for that particular block. GSR.7 provides indication when all queued operations are completed. BLOCK STATUS REGISTER |