| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRO2148A-LF bảng dữ liệu(PDF) 2 Page - Z-Communications, Inc |
|
|
|||||||||||||||||||||||||||||
CRO2148A-LF bảng dữ liệu(HTML) 2 Page - Z-Communications, Inc |
|
2 / 2 page ![]() Tuning Curve, typ. 2080 2090 2100 2110 2120 2130 2140 2150 2160 2170 2180 2190 2200 00.5 11.522.5 3 3.5 4 °C °C °C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint Voltage-Controlled Oscillator Surface Mount Module CRO2148A-LF B2 Rev 0.030 MIN. CUTBACK FROM LIVE PADS RECOMMENDED FOOTPRINT SEVERAL HOLES OF 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. O °C °C °C LFSuffix = RoHS Compliant. All specifications are subject to change without notice. © Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B -40 85 25 -40 85 25 -5 -4 -3 -2 -1 0 1 2 3 2087 2098 2109 2120 2132 2144 2157 2171 2186 FREQUENCY (MHz) Physical Dimensions Z-COMM XXXXXXXX-LF W/O# D/C 0.100 MINI-16-UL 0.085 MINI-16-EL PACKAGE H MINI-16 0.220 0.160 MINI-16-LOW 0.130 MINI-16-L NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 PIN CONFIGURATION P1 Vt P2 RF OUT P3 Vcc REST GROUND |