| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2902WD bảng dữ liệu(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
LM2902WD bảng dữ liệu(HTML) 2 Page - Rohm |
|
2 / 18 page ![]() Technical Note 2/17 LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT LM324DT/PT/WDT,LM2902DT/PT/WDT www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute Maximum Ratings (Ta=25[℃]) Parameter Symbol Rating Unit LM358 family LM324 family LM2904 family LM2902 family Supply Voltage VDD +32 V Operating Temperature Range Topr 0 to +70 -40 to +125 ℃ Storage Temperature Range Tstg -65 to +150 ℃ Input Common-mode Voltage VICM -0.3 to +32 V Maximum Junction Temperature Tjmax +150 ℃ ● Electric Characteristics ○ LM358,LM324 family(Unless otherwise specified, Vcc +=+5[V], Vcc-=0[V]) Parameter Symbol Temperature range Limit Unit Conditions Fig. No LM358 family LM324 family Min. Typ. Max. Min. Typ. Max. Input Offset Voltage (*1) VIO 25℃ - 2 7 - - 7 mV VO=1.4[V],RS=0[Ω] 5[V]< Vcc +<30[V] 0<VIC< Vcc +-1.5[V] 98 Full range - - 9 - - 9 Input Offset Current (*1) IIO 25℃ - 2 30 - 2 30 nA VO=1.4[V] 98 Full range - - - - - 100 Input Bias Current (*1) IIB 25℃ - 20 150 - 20 150 nA VO=1.4[V] 98 Full range - - 200 - - 300 Large Signal Voltage Gain AVD 25℃ 25 100 - 25 100 - V/mV Vcc +=15[V] VO=1.4[V] to 11.4[V] RL=2[kΩ] 98 Supply Voltage Rejection Ratio SVR 25℃ 65 100 - 65 110 - dB RS≦10[kΩ] Vcc +=5[V] to 30[V] 98 Full range 65 - - 65 - - Supply Current (All Amp) ICC 25℃ - - - - 0.7 1.2 mA Vcc +=5[V],No Load 99 25℃ - - - - 1.5 3 Vcc +=30[V],No Load Full range - 0.7 1.2 - 0.8 3 Vcc +=5[V],No Load Full range - - 2 - 1.5 3 Vcc +=30[V],No Load Input Common-mode Voltage Range VICM 25℃ - - Vcc +-1.5 - - Vcc +-1.5 V Vcc +=30[V] 98 Full range - - Vcc +-2.0 - - Vcc +-2.0 Common-mode Rejection Ratio CMR 25℃ 70 85 - 70 80 - dB RS≦10[kΩ] 98 Full range 60 - - 60 - - Output Short Circuit Current (*2) Isource 25℃ 20 40 60 20 40 70 mA Vcc +=15[V],VO=+2[V] VID=+1[V] 99 Output Sink Current (*2) Isink 25℃ 10 20 - 10 20 - mA VO=+2[V], Vcc +=15[V],VID=-1[V] 99 12 50 - 12 50 - μA VO=+0.2[V], Vcc +=15[V] ,VID=-1[V] Output Voltage Swing Vopp 25℃ 0 - Vcc +-1.5 - - - V RL=2[kΩ] 99 Full range 0 - Vcc +-2.0 - - - High Level Output Voltage VOH 25℃ 27 28 - 27 28 - V Vcc +=30[V],RL=10[kΩ] 99 Full range 27 - - 27 - - Low Level Output Voltage VOL 25℃ - 5 20 - 5 20 mV RL=10[kΩ] 99 Full range - - 20 - - 20 Slew Rate SR 25℃ - 0.6 - - 0.4 - V/μs RL=2[kΩ],CL=100[pF], Vcc +=15[V] VI=0.5[V] to 3[V], Unity Gain 99 Gain Bandwidth Product GBP 25℃ - 1.1 - - 1.3 - MHz Vcc +=30[V],RL=2[kΩ], CL=100[pF] VIN=10[mV],f=100[kHz] 99 Total Harmonic Distortion THD 25℃ - 0.02 - - 0.015 - % f=1[kHz],AV=20[dB] RL=2[kΩ] CL=100[pF],VO=2[Vpp] 99 Input Equivalent Noise Voltage en 25℃ - 55 - - 40 - Hz nV/ f=1[kHz],RS=100[Ω] Vcc +=30[V] 99 Input Offset Voltage Drift DVIO - - 7 - - 7 - μV/℃ - - Input Offset Current Drift DIIO - - 10 - - 10 - pA/℃ - - Channel Separation VO1/VO2 25℃ - 120 - - 120 - dB 1[kHz]≦f≦20[kHz] 99 (*1) Absolute value (*2) Under high temperatures, please consider the power dissipation when selecting the output current. When output terminal is continuously shorted the output current reduces the internal temperature by flushing. |