công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EMF9 bảng dữ liệu(PDF) 2 Page - Rohm

tên linh kiện EMF9
Giải thích chi tiết về linh kiện  Power management (dual transistors)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

EMF9 bảng dữ liệu(HTML) 2 Page - Rohm

  EMF9 Datasheet HTML 1Page - Rohm EMF9 Datasheet HTML 2Page - Rohm EMF9 Datasheet HTML 3Page - Rohm EMF9 Datasheet HTML 4Page - Rohm EMF9 Datasheet HTML 5Page - Rohm EMF9 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMF9
Transistors
Rev.A
2/5
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
Symbol
VCBO
VCEO
VEBO
IC
ICP
Tj
Tstg
Limits
15
12
6
500
150
−55~+150
1.0
∗
Unit
V
V
V
mA
A
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Range of storage temperature
∗ Single pulse PW=1ms
Tr2
Parameter
∗ PW≤10ms Duty cycle≤50%
Symbol
VDSS
VGSS
ID
IDRP
Tch
Tstg
Limits
30
±20
100
200
150
−55~+150
∗
∗
Unit
V
V
mA
IDP
200
mA
mA
IDR
100
mA
°C
°C
Drain-source voltage
Gate-source voltage
Drain current
Reverse drain
current
Channel temperature
Range of storage temperature
Continuous
Continuous
Pulsed
Pulsed
Tr1, Tr2
Parameter
Symbol
PD
Limits
150(TOTAL)
Unit
mW
∗
∗ 120mW per element must not be exceeded. Each terminal mounted on a recommended land.
Total power dissipation
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0mA, f=1MHz
Transition frequency
fT
−
320
−
MHz
VCE
=2V, IE=−10mA, f=100MHz
BVCEO
12
−−
V
IC
=1mA
Collector-emitter breakdown voltage
BVCBO
15
−−
V
IC
=10µA
Collector-base breakdown voltage
BVEBO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
ICBO
−−
100
nA
VCB
=15V
Collector cut-off current
IEBO
−−
100
nA
VEB
=6V
Emitter cut-off current
VCE(sat)
−
100
250
mV
IC
=200mA, IB=10mA
Collector-emitter saturation voltage
hFE
270
−
680
−
VCE
=2V, IC=10mA
DC current gain
Cob
−
7.5
−
pF
Collector output capacitance
Tr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input capacitance
Ciss
−
13
−
pF
VDS
=5V, VGS=0V, f=1MHz
IGSS
−−
±1
µA
VGS
=±20V, VDS=0V
Gate-source leakage
V(BR)DSS
30
−−
V
ID
=10µA, VGS=0V
IDSS
−−
1.0
µA
VDS
=30V, VGS=0V
Zero gate voltage drain current
Drain-source breakdown voltage
VGS(th)
0.8
−
1.5
VVDS
=3V, ID=100µA
Gate-threshold voltage
RDS(on)
−
58
Ω
ID
=10mA, VGS=4V
−
713
Ω
ID
=1mA, VGS=2.5V
Static drain-source
on-state resistance
Coss
−
9
−
pF
Output capacitance
|Yfs|
20
−−
mS
VDS
=3V, ID=10mA
Forward transfer admittance
Crss
−
4
−
pF
Reverce transfer capacitance
Rise time
tr
−
35
−
ns
td(off)
−
80
−
ns
Turn-off delay time
td(on)
−
15
−
ns
ID
=10mA, VDD 5V,
VGS
=5V, RL=500Ω,
RGS
=10Ω
Turn-on delay time
tf
−
80
−
ns
Fall time



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com